| データシートサーチシステム |
|
STM32F746VG データシート(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746VG データシート(HTML) 85 Page - STMicroelectronics |
|
85 / 227 page ![]() Port H PH8 - - - - I2C3_SD A - - --- - - FMC_D1 6 DCMI_H SYNC LCD_R2 EVEN TOUT PH9 - - - - I2C3_SM BA -- - - TIM12_C H2 -- FMC_D1 7 DCMI_D 0 LCD_R3 EVEN TOUT PH10 - - TIM5_C H1 - I2C4_SM BA - - --- - - FMC_D1 8 DCMI_D 1 LCD_R4 EVEN TOUT PH11 - - TIM5_C H2 - I2C4_SC L - - --- - - FMC_D1 9 DCMI_D 2 LCD_R5 EVEN TOUT PH12 - - TIM5_C H3 - I2C4_SD A - - --- - - FMC_D2 0 DCMI_D 3 LCD_R6 EVEN TOUT PH13 - - - TIM8_CH 1N -- - - - CAN1_T X -- FMC_D2 1 - LCD_G2 EVEN TOUT PH14 - - - TIM8_CH 2N - - - --- - - FMC_D2 2 DCMI_D 4 LCD_G3 EVEN TOUT PH15 - - - TIM8_CH 3N - - - --- - - FMC_D2 3 DCMI_D 11 LCD_G4 EVEN TOUT Port I PI0 - - TIM5_C H4 -- SPI2_NS S/I2S2_ WS - --- - - FMC_D2 4 DCMI_D 13 LCD_G5 EVEN TOUT PI1 - - - TIM8_BKI N2 - SPI2_SC K/I2S2_ CK - --- - - FMC_D2 5 DCMI_D 8 LCD_G6 EVEN TOUT PI2 - - - TIM8_CH 4 - SPI2_MI SO - --- - - FMC_D2 6 DCMI_D 9 LCD_G7 EVEN TOUT PI3 - - - TIM8_ET R - SPI2_M OSI/I2S2 _SD - --- - - FMC_D2 7 DCMI_D 10 - EVEN TOUT PI4 - - - TIM8_BKI N - - - --- SAI2_MC K_A - FMC_NB L2 DCMI_D 5 LCD_B4 EVEN TOUT PI5 - - - TIM8_CH 1 - - - --- SAI2_SC K_A - FMC_NB L3 DCMI_V SYNC LCD_B5 EVEN TOUT PI6 - - - TIM8_CH 2 - - - --- SAI2_SD_ A - FMC_D2 8 DCMI_D 6 LCD_B6 EVEN TOUT Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |