| データシートサーチシステム |
|
STM32L072RB データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RB データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 147 page ![]() Pin descriptions STM32L072xx 46/147 DocID027100 Rev 3 12 12 16 22 G4 G5 31 L4 PA6 I/O FT - SPI1_MISO, TIM3_CH1, TSC_G2_IO3, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 13 13 17 23 H4 F4 32 M4 PA7 I/O FT - SPI1_MOSI, TIM3_CH2, TSC_G2_IO4, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 - - - 24 H5 - 33 K5 PC4 I/O FT - EVENTOUT, LPUART1_TX ADC_IN14 - - - 25 H6 - 34 L5 PC5 I/O FT - LPUART1_RX, TSC_G3_IO1 ADC_IN15 14 14 18 26 F5 G4 35 M5 PB0 I/O FT - EVENTOUT, TIM3_CH3, TSC_G3_IO2 ADC_IN8, VREF_OUT 15 15 19 27 G5 D3 36 M6 PB1 I/O FT - TIM3_CH4, TSC_G3_IO3, LPUART1_RTS ADC_IN9, VREF_OUT - - 20 28 G6 E3 37 L6 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4, I2C3_SMBA - - - - --- 38 M7 PE7 I/O FT - USART5_CK/USART5_R TS_DE - - - - - - - 39 L7 PE8 I/O FT - USART4_TX - - - - --- 40 M8 PE9 I/O FT - TIM2_CH1, TIM2_ETR, USART4_RX - - - - - - - 41 L8 PE10 I/O FT - TIM2_CH2, USART5_TX - - - - - - - 42 M9 PE11 I/O FT - TIM2_CH3, USART5_RX - - - - - - - 43 L9 PE12 I/O FT - TIM2_CH4, SPI1_NSS - - - - - - - 44 M10 PE13 I/O FT - SPI1_SCK - - - - - - - 45 M11 PE14 I/O FT - SPI1_MISO - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |