| データシートサーチシステム |
|
STM32L475VC データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L475VC データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 193 page ![]() DocID027692 Rev 2 61/193 STM32L475xx Pinouts and pin description 79 38 64 PC7 I/O FT - TIM3_CH2, TIM8_CH2, DFSDM_DATIN3, TSC_G4_IO2, SDMMC1_D7, SAI2_MCLK_B, EVENTOUT - 39 65 PC8 I/O FT - TIM3_CH3, TIM8_CH3, TSC_G4_IO3, SDMMC1_D0, EVENTOUT - 40 66 PC9 I/O FT - TIM8_BKIN2, TIM3_CH4, TIM8_CH4, TSC_G4_IO4, OTG_FS_NOE, SDMMC1_D1, SAI2_EXTCLK, TIM8_BKIN2_COMP1, EVENTOUT - 41 67 PA8 I/O FT - MCO, TIM1_CH1, USART1_CK, OTG_FS_SOF, LPTIM2_OUT, EVENTOUT - 42 68 PA9 I/O FT_u - TIM1_CH2, USART1_TX, TIM15_BKIN, EVENTOUT OTG_FS_VBUS 43 69 PA10 I/O FT_u - TIM1_CH3, USART1_RX, OTG_FS_ID, TIM17_BKIN, EVENTOUT - 44 70 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, USART1_CTS, CAN1_RX, OTG_FS_DM, TIM1_BKIN2_COMP1, EVENTOUT - 45 71 PA12 I/O FT_u - TIM1_ETR, USART1_RTS_DE, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 72 PA13 (JTMS-SWDIO) I/O FT (3) JTMS-SWDIO, IR_OUT, OTG_FS_NOE, EVENTOUT - 47 - VSS S - - - - 48 73 VDDUSB S - - - - -74 VSS S - - - - -75 VDD S - - - - 49 76 PA14 (JTCK-SWCLK) I/O FT (3) JTCK-SWCLK, EVENTOUT - Table 15. STM32L475xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |