データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5742-I/2G データシート(PDF) 21 Page - Microchip Technology

部品番号 USB5742-I/2G
部品情報  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742-I/2G データシート(HTML) 21 Page - Microchip Technology

Back Button USB5742-I/2G Datasheet HTML 17Page - Microchip Technology USB5742-I/2G Datasheet HTML 18Page - Microchip Technology USB5742-I/2G Datasheet HTML 19Page - Microchip Technology USB5742-I/2G Datasheet HTML 20Page - Microchip Technology USB5742-I/2G Datasheet HTML 21Page - Microchip Technology USB5742-I/2G Datasheet HTML 22Page - Microchip Technology USB5742-I/2G Datasheet HTML 23Page - Microchip Technology USB5742-I/2G Datasheet HTML 24Page - Microchip Technology USB5742-I/2G Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 21
USB5742
5.1.8
NORMAL MODE
Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB
Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the sys-
tem.
If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated
hub stages. Asserting a soft disconnect on the upstream port will cause the hub to return to the Hub.Connect stage until
the soft disconnect is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46