| データシートサーチシステム |
|
USB5742T-I/2G データシート(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742T-I/2G データシート(HTML) 44 Page - Microchip Technology |
|
44 / 46 page ![]() USB5742 DS00002016B-page 44 2015-2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office Device: USB5742 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Package: 2G = 56-pin VQFN Configuration Option: Blank = Standard Configuration X01 = Hub Feature Controller disabled Examples: a) USB5742/2G Tray, Commercial temp., 56-pin VQFN b) USB5742-I/2G Tray, Industrial temp., 56-pin VQFN c) USB5742T-I/2G Tape & reel, Industrial temp., 56-pin VQFN d) USB5742T/2G Tape & reel, Commercial temp., 56-pin VQFN e) USB5742/2GX01 Tray, Commercial temp., 56-pin VQFN Hub Feature Controller disabled Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape & Reel [X] Option Temperature Range [-X] / XX Package XXX Config. Option |