| データシートサーチシステム |
|
TC52N4527ECTTR データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC52N4527ECTTR データシート(HTML) 2 Page - Microchip Technology |
|
2 / 12 page ![]() TC52 DS20001430E-page 2 2001-2015 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings* Input Voltage ........................................................+12V Output Current ...................................................50 mA Output Voltage.......................VIN + 0.3V to VSS –0.3V Power Dissipation 5-Pin SOT-23 ............................................100 mW Operating Temperature Range.............-40°C to +85°C Storage Temperature Range ..............-40°C to +125°C † Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS Electrical Specifications: TA = 25°C, unless otherwise specified. Note 1. Parameter Sym. Min. Typ. Max. Units Conditions Operating Voltage VIN 1.5 — 10.0 V VDF (T) = 1.5 to 5.0V Supply Current ISS — 1.35 3.90 μAVIN1 =1.5V — 1.50 4.50 VIN1 =2.0V — 1.95 5.10 VIN1 =3.0V — 2.40 5.70 VIN1 =4.0V — 3.00 6.30 VIN1 =5.0V Input Current VIN2 IIN2 — 0.45 1.30 μAVIN1 =1.5V — 0.50 1.50 VIN1 =2.0V — 0.65 1.70 VIN1 =3.0V — 0.80 1.90 VIN1 =4.0V — 1.00 2.10 VIN1 =5.0V Channel 1 Detect Voltage VDET1-VT1 x0.98 VT1 ±0.5% VT1 x 1.02 V Note 2 Channel 2 Detect Voltage VDET2 -VT2 x0.98 VT2 ±0.5% VT2 x 1.02 V Note 2 Hysteresis Range 1 VHYS1 VDET1-x 0.02 VDET1-x 0.05 VDET1-x 0.08 V Hysteresis Range 2 VHYS2 VDET2-x 0.02 VDET2-x 0.05 VDET2-x 0.08 V Output Current IOUT 0.3 2.2 — mA VOL = 0.5V, VIN1 =1.0V 3.0 7.7 — VOL = 0.5V, VIN1 =2.0V 5.0 10.1 — VOL = 0.5V, VIN1 =3.0V 6.0 11.5 — VOL = 0.5V, VIN1 =4.0V 7.0 13.0 — VOL = 0.5V, VIN1 =5.0V Temperature Characteristics ΔVDET -/ ( ΔTOPR VDET -) — ±100 — ppm/°C -40°C ≤ TOPR ≤ 85°C Detection Time tDLY — — 0.2 msec Time from VIN =VDET- to VOUT =VOL Note 1: Additional resistance between the VIN1 pin and the supply voltage may alter the electrical characteristics. 2: VT1, VT2 are the factory-programmed voltage detection thresholds. |