| データシートサーチシステム |
|
VIPER011XS データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER011XS データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 36 page ![]() Package information VIPer01 32/36 DocID028751 Rev 1 6 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 6.1 SSOP10 package information Figure 43: SSOP10 package outline |