| データシートサーチシステム |
|
VIPER012XS データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER012XS データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 36 page ![]() General description VIPer01 24/36 DocID028751 Rev 1 Figure 31: Connection for output overvoltage protection (non-isolated topologies) If VOVP is the desired input/output overvoltage threshold, the resistors RH and RL of the voltage divider are to be selected according to the following formula: The power dissipation associated to the DIS network is: in case of connection for the input overvoltage detection and in case of connection for the output overvoltage detection. |