| データシートサーチシステム |
|
VIPER013XS データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER013XS データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 36 page ![]() General description VIPer01 18/36 DocID028751 Rev 1 obtained through a transformer auxiliary winding or a connection from the output, the latter in case of non-isolated topology only. In this case the residual consumption is given by the power dissipated on RG, calculated as follows: At the nominal input voltage, 230 VAC, the typical consumption (RG = 30 MΩ) is 3.5 mW and the worst-case consumption (RG = 22 MΩ) is 4.8 mW. When the IC is disconnected from the mains, or there is a mains interruption, for some time the converter keeps on working, powered by the energy stored in the input bulk capacitor. When it is discharged below a critical value, the converter is no longer able to keep the output voltage regulated. During the power down, when the DRAIN voltage becomes too low, the HV current source (IHV) remains off and the IC is stopped as soon as the VCC drops below the UVLO threshold, VCCoff. Figure 26: Power-ON and power-OFF |