データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER012HSTR データシート(PDF) 32 Page - STMicroelectronics

部品番号 VIPER012HSTR
部品情報  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012HSTR データシート(HTML) 32 Page - STMicroelectronics

Back Button VIPER012HSTR Datasheet HTML 28Page - STMicroelectronics VIPER012HSTR Datasheet HTML 29Page - STMicroelectronics VIPER012HSTR Datasheet HTML 30Page - STMicroelectronics VIPER012HSTR Datasheet HTML 31Page - STMicroelectronics VIPER012HSTR Datasheet HTML 32Page - STMicroelectronics VIPER012HSTR Datasheet HTML 33Page - STMicroelectronics VIPER012HSTR Datasheet HTML 34Page - STMicroelectronics VIPER012HSTR Datasheet HTML 35Page - STMicroelectronics VIPER012HSTR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Package information
VIPer01
32/36
DocID028751 Rev 1
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
SSOP10 package information
Figure 43: SSOP10 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36