データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SINK-C データシート(PDF) 1 Page - Ohmite Mfg. Co.

部品番号 SINK-C
部品情報  Maximum Repeatability Constant spring force over repeated assembly/disassembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OHMITE [Ohmite Mfg. Co.]
ホームページ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SINK-C データシート(HTML) 1 Page - Ohmite Mfg. Co.

  SINK-C Datasheet HTML 1Page - Ohmite Mfg. Co. SINK-C Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
168
Surface
Heatsink
Area
Weight
Length “L”
Part Number
(in2/mm2)
(oz/g)
(mm)
C247-025
11 / 7,312
0.5 / 15
25
C247-050
23 / 14,858
1.1 / 31
50
C247-075
34 / 21,655
1.6 / 45
75
C264-030
13 / 8,774
0.7 / 19
30
C264-058
25 / 16,963
1.35 / 37
58
C264-085
37 / 24,861
1.97 / 54
85
C220-025
11 / 7,312
0.5 / 15
25
C220-050
23 / 14,858
1.1 / 31
50
C220-075
34 / 21,655
1.6 / 45
75
C126-025
10.2 / 6,559 0.45 / 12.7
25
C126-040 16.3 / 10,495 0.72 / 20.3
40
C126-050 20.4 / 13,119 0.90 / 25.4
50
C126-075 30.6 / 21,655 1.35 / 38.1
75
Ohmite introduces the C series (Pat. Pending). This
series offers high performance, low cost and a
compact heat sink with an integrated camming clip
system for TO-126, TO-220, TO-247 and TO-264
devices. This powerful heat sink provides tool and
fixture free assembly operation, largest surface areas
and smallest space occupation. It is the ideal type of
heat sink for high power density and small size (1U
or 2U) electronic packaging with forced convection
cooling.
FEA TURES
•MinimumassemblycostandlaborSpringClips
make the mounting holes, fasteners, tools and
fixtures obsolete in assembly operations & reduce
costs.
•MaximumThermalTransferMaximumsurfacearea
per unit volume, efficient cooling fins & consistent
mounting force reduces thermal resistance.
•MaximumRepeatabilityConstantspringforceover
repeated assembly/disassembly.
•MaximumReliabilityResilientspringactionlocks
electronic component in place. Fewer parts in
assembly and no fasteners and washers required.
Prevent short circuit by eliminating metal particles
generated from hardware or thread tapping.
•DesignFlexibilityMaximumflexibilityfordynamic
device locations and power upgrading. “Configure-
to-Fit” gives designers total freedom to configure
heat sink needed to fit into a multitude design envi-
ronments.
C Series
TO-126, TO-247, TO-220
and TO-264 Package Heatsinks
C h ARACTER i ST i CS
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent
with either degreased or black anod-
ized finish.
Spring Clip
Music Wire, Per ASTM A228 with
bright nickel plating
Solder Foot
Cold-rolled Steel, Per ASTM A-366
with pure tin over copper strike. RoHS
compliant.
Interface
Thermal
Resistance
for improvement, use thermal joint
compound, 0.005 Grafoil (TGon 800
by Laird), or phase change material
(Hi-Flow by Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S
and K10 by Bergquist
SER i ES SPEC i F i CAT i ONS
hEAT Di SS i P AT i ON
Heat Dissipated, total for ALL devices (watts)
120
80
0
510
100
15
0
140
2
1
0
3
8
7
9
600
200
400
1000
60
40
20
5
6
4
Air Velocity (ft./min.)
800
C247-025-1AE (1 device)
C247-050-2AE (2 devices)
C247-075-3AE (3 devices)
HeatdissipationisthetotalforALLDEVICESattachedtoheatsink.
Total Heat Dissipated (watts)
36
32
22
6
7
8
9
10
34
2
3
4
5
38
12
10
600
200
400
1000
30
28
24
26
6
8
4
Air Velocity (ft./min.)
800
TO-126/CE-S102 (25mm long)
one device w/Sil-pad 900s
(continued)


同様の部品番号 - SINK-C

メーカー部品番号データシート部品情報
logo
Ohmite Mfg. Co.
SINK-C40 OHMITE-SINK-C40 Datasheet
386Kb / 2P
40mm fan with 4 self-tapping M3 screws
SINK-C60 OHMITE-SINK-C60 Datasheet
497Kb / 2P
Ohmite introduces the powerful B60
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
Designed for Ohmite products
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
The economically priced CSM Series is suitable
More results

同様の説明 - SINK-C

メーカー部品番号データシート部品情報
logo
Harwin Plc
M90-6010845 HARWIN-M90-6010845 Datasheet
175Kb / 1P
SPRING PROBE ASSEMBLY
M90-604 HARWIN-M90-604 Datasheet
131Kb / 1P
SPRING PROBE ASSEMBLY LONG TAIL
logo
Tyco Electronics
5050864-1 MACOM-5050864-1 Datasheet
86Kb / 1P
MINIATURE SPRING SOCKET ASSEMBLY
logo
STMicroelectronics
STB30NF20L STMICROELECTRONICS-STB30NF20L Datasheet
853Kb / 14P
Very good manufacturing repeatability
07-Mar-2012
logo
Ohmite Mfg. Co.
SINK-W OHMITE-SINK-W Datasheet
530Kb / 2P
Maximum Repeatability
R2-SERIES OHMITE-R2-SERIES Datasheet
333Kb / 2P
clamping force of the clip is not degraded by repeated loading and unloading.
logo
Zilog, Inc.
Z8932311ZEM ZILOG-Z8932311ZEM Datasheet
98Kb / 5P
Symbolic Disassembly in the Debug Window
logo
PHOENIX CONTACT
1809694 PHOENIX-1809694 Datasheet
110Kb / 4P
Low temperature rise, thanks to maximum contact force
1203699 PHOENIX-1203699 Datasheet
42Kb / 1P
Force and pressure test equipment - CRIMPFOX SPRING
1205998 PHOENIX-1205998 Datasheet
44Kb / 1P
Force and pressure test equipment - CRIMPFOX UD 6-6/6-4 SPRING
12/03/2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com