データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS4SD16M16 データシート(PDF) 32 Page - Micross Components

部品番号 AS4SD16M16
部品情報  LVTTL- compatible inputs and outputs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD16M16 データシート(HTML) 32 Page - Micross Components

Back Button AS4SD16M16 Datasheet HTML 28Page - Micross Components AS4SD16M16 Datasheet HTML 29Page - Micross Components AS4SD16M16 Datasheet HTML 30Page - Micross Components AS4SD16M16 Datasheet HTML 31Page - Micross Components AS4SD16M16 Datasheet HTML 32Page - Micross Components AS4SD16M16 Datasheet HTML 33Page - Micross Components AS4SD16M16 Datasheet HTML 34Page - Micross Components AS4SD16M16 Datasheet HTML 35Page - Micross Components AS4SD16M16 Datasheet HTML 36Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SDRAM
AS4SD16M16
AS4SD16M16
Rev. 2.6 04/13/15
Micross Components reserves the right to change products or specifications without notice.
32
POWER DOWN MODE1
*CAS latency indicated in parentheses.
NOTES:
1. Violating refresh requirements during power-down may result in loss of data.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCK(2)
10
ns
tAS
1.5
ns
tCKH
0.8
ns
tCH
2.5
ns
tCKS
1.5
ns
tCL
2.5
ns
tCMH
0.8
ns
tCK(3)
7
ns
tCMS
1.5
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52