| データシートサーチシステム |
|
USB5744/2G データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744/2G データシート(HTML) 37 Page - Microchip Technology |
|
37 / 49 page ![]() 2015-2016 Microchip Technology Inc. DS00001855D-page 37 USB5744 9.6.7 SPI TIMING This section specifies the SPI timing requirements for the device. FIGURE 9-5: SPI TIMING TABLE 9-8: SPI TIMING (30 MHZ OPERATION) Symbol Description Min Typ Max Units tfc Clock frequency 30 MHz tceh Chip enable (SPI_CE_EN) high time 100 ns tclq Clock to input data 13 ns tdh Input data hold time 0 ns tos Output setup time 5 ns toh Output hold time 5 ns tov Clock to output valid 4 ns tcel Chip enable (SPI_CE_EN) low to first clock 12 ns tceh Last clock to chip enable (SPI_CE_EN) high 12 ns TABLE 9-9: SPI TIMING (60 MHZ OPERATION) Symbol Description Min Typ Max Units tfc Clock frequency 60 MHz tceh Chip enable (SPI_CE_EN) high time 50 ns tclq Clock to input data 9 ns tdh Input data hold time 0 ns tos Output setup time 5 ns toh Output hold time 5 ns tov Clock to output valid 4 ns tcel Chip enable (SPI_CE_EN) low to first clock 12 ns tceh Last clock to chip enable (SPI_CE_EN) high 12 ns SPI_CLK SPI_DI SPI_DO SPI_CE_N tcel tfc tclq tceh tdh toh tos tov toh |