| データシートサーチシステム |
|
USB2601 データシート(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2601 データシート(HTML) 28 Page - Microchip Technology |
|
28 / 30 page ![]() USB2601/USB2602 DS00002119A-page 28 2004 - 2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB2601, USB2602 Temperature Range: Blank = 0 C to +70C Commercial Package: NE = 128-pin TQFP NU = 128-pin TQFP PART NO. [X] XXX Package Temperature Range Device [X] Internal Microchip Code - - Examples: USB2601/USB2602-NE-XX 128-pin TQFP RoHS Compliant package, Commercial Temp, Tray USB2601/USB2602-NU-XX 128-pin TQFP RoHS Compliant package, Commercial Temp, Tray |