| データシートサーチシステム |
|
USB5744-I/2G データシート(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744-I/2G データシート(HTML) 36 Page - Microchip Technology |
|
36 / 49 page ![]() USB5744 DS00001855D-page 36 2015-2016 Microchip Technology Inc. 9.6.3 RESET AND CONFIGURATION STRAP TIMING Figure 9-4 illustrates the RESET_N pin timing requirements and its relation to the configuration strap pins. Assertion of RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to Section 8.2, "Resets" for additional information on resets. Refer to Section 3.4, "Configuration Straps and Programmable Func- tions" for additional information on configuration straps. 9.6.4 USB TIMING All device USB signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Uni- versal Serial Bus Specification . Please refer to the Universal Serial Bus Revision 3.1 Specification, available at http:// www.usb.org/developers/docs. 9.6.5 I2C TIMING All device I2C signals conform to the 400KHz Fast Mode (Fm) voltage, power, and timing characteristics/specifications as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com/doc- uments/user_manual/UM10204.pdf. 9.6.6 SMBUS TIMING All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Sys- tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available at http://smbus.org/specs. FIGURE 9-4: RESET_N CONFIGURATION STRAP TIMING TABLE 9-7: RESET_N CONFIGURATION STRAP TIMING Symbol Description Min Typ Max Units trstia RESET_N input assertion time 5 s tcsh Configuration strap pins hold after RESET_N deassertion 1 ms Note: The clock input must be stable prior to RESET_N deassertion. Configuration strap latching and output drive timings shown assume that the Power-On reset has finished first otherwise the timings in Section 9.6.2, "Power-On and Configuration Strap Timing" apply. RESET_N Configuration Straps trstia tcsh |