| データシートサーチシステム |
|
SST49LF080A データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST49LF080A データシート(HTML) 16 Page - Microchip Technology |
|
16 / 50 page ![]() ©2014 Silicon Storage Technology, Inc. DS20005086B 11/14 16 8 Mbit LPC Flash SST49LF080A Data Sheet General Purpose Inputs Register The GPI_REG (General Purpose Inputs Register) passes the state of GPI[4:0] pins at power-up on the SST49LF080A. It is recommended that the GPI[4:0] pins be in the desired state before LFRAME# is brought low for the beginning of the next bus cycle, and remain in that state until the end of the cycle. There is no default value since this is a pass-through register. See the General Purpose Inputs Regis- ter table for the GPI_REG bits and function, and Table 9 for memory address locations for its respec- tive device strapping. JEDEC ID Registers The JEDEC ID registers identify the device as SST49LF080A and manufacturer as SST in LPC mode. See Table 9 for memory address locations for its respective JEDEC ID location. Table 9: Memory Map Register Addresses for SST49LF080A Device # Hardware Strapping ID[3:0] GPI_REG JEDEC ID Manufacturer Device 0 (Boot device) 0000 FFBC 0100H FFBC 0000H FFBC 0001H 1 0001 FFAC 0100H FFAC 0000H FFAC 0001H 2 0010 FF9C 0100H FF9C 0000H FF9C 0001H 3 0011 FF8C 0100H FF8C 0000H FF8C 0001H 4 0100 FF3C 0100H FF3C 0000H FF3C 0001H 5 0101 FF2C 0100H FF2C 0000H FF2C 0001H 6 0110 FF1C 0100H FF1C 0000H FF1C 0001H 7 0111 FF0C 0100H FF0C 0000H FF0C 0001H 8 1000 FEBC 0100H FEBC 0000H FEBC 0001H 9 1001 FEAC 0100H FEAC 0000H FEAC 0001H 10 1010 FE9C 0100H FE9C 0000H FE9C 0001H 11 1011 FE8C 0100H FE8C 0000H FE8C 0001H 12 1100 FE3C 0100H FE3C 0000H FE3C 0001H 13 1101 FE2C 0100H FE2C 0000H FE2C 0001H 14 1110 FE1C 0100H FE1C 0000H FE1C 0001H 15 1111 FE0C 0100H FE0C 0000H FE0C 0001H T9.0 25026 |