| データシートサーチシステム |
|
USB2502-HT データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2502-HT データシート(HTML) 38 Page - Microchip Technology |
|
38 / 40 page ![]() USB2502 DS000002248A-page 38 2007 - 2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. XXX Package Device Device: USB2502 Package: HT = 48-Pin TQFP AEZG = 36-Pin QFN Tape and Reel Option: Blank = Tray packaging TR = Tape and Reel (1) Examples: a) USB2502-AEZG = 36-Pin QFN RoHS Compliant Package, Tray b) USB2502-AEZG-TR = 36-Pin QFN RoHS Compliant Package, Tape & Reel c) USB2502-HT = 48-Pin TQFP RoHS Compliant Package, Tray [X] Tape and Reel Option - - Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Reel size is 3,000. |