| データシートサーチシステム |
|
SST25WF010 データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25WF010 データシート(HTML) 10 Page - Microchip Technology |
|
10 / 36 page ![]() ©2014 Silicon Storage Technology, Inc. DS20005016C 11/14 10 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040 EOL Data Sheet Table 8: Software Status Register Block Protection for SST25WF040 Protection Level Protected Blocks Status Register Bit Protected Memory Address BP21 1. Default at power-up for BP2, BP1, and BP0 is ‘11’. BP1 BP0 4 Mbit None None 0 0 0 None 1 (Upper Eighth Memory) Blocks 14 through 15 0 0 1 70000H-7FFFFH 2 (Upper Quarter Memory) Blocks 12 through 15 0 1 0 60000H-7FFFFH 3 (Upper Half Memory) Blocks 8 through 15 0 1 1 40000H-7FFFFH 4 (Full Memory) Blocks 0 through 15 1 0 0 00000H-7FFFFH 5 (Full Memory) Blocks 0 through 15 1 0 1 00000H-7FFFFH 6 (Full Memory) Blocks 0 through 15 1 1 0 00000H-7FFFFH 7 (Full Memory) Blocks 0 through 15 1 1 1 00000H-7FFFFH T8.0 20005016 |