データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5LC512K8 データシート(PDF) 9 Page - Micross Components

部品番号 AS5LC512K8
部品情報  Ultra High Speed Asynchronous Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC512K8 データシート(HTML) 9 Page - Micross Components

Back Button AS5LC512K8 Datasheet HTML 5Page - Micross Components AS5LC512K8 Datasheet HTML 6Page - Micross Components AS5LC512K8 Datasheet HTML 7Page - Micross Components AS5LC512K8 Datasheet HTML 8Page - Micross Components AS5LC512K8 Datasheet HTML 9Page - Micross Components AS5LC512K8 Datasheet HTML 10Page - Micross Components AS5LC512K8 Datasheet HTML 11Page - Micross Components AS5LC512K8 Datasheet HTML 12Page - Micross Components AS5LC512K8 Datasheet HTML 13Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.4 10/13
Micross Components reserves the right to change products or specifications without notice.
9
MECHANICAL DEFINITIONS*
Micross Case #307 (Package Designator F)
Bottom View
36
1
c
E2
A
Q
*All measurements are in inches.
D
e
b
Top View
D1
S
E
L
Pin 1 identifier area
MIN
MAX
A
0.096
0.125
b
0.015
0.022
c
0.003
0.009
D
0.910
0.930
D1
0.840
0.860
E
0.505
0.515
E2
0.385
0.397
e
L
0.250
0.370
Q
0.020
0.045
SYMBOL
MICROSS SPECIFICATIONS
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13