データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5SP256K36 データシート(PDF) 13 Page - Micross Components

部品番号 AS5SP256K36
部品情報  Global Write support
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP256K36 データシート(HTML) 13 Page - Micross Components

Back Button AS5SP256K36 Datasheet HTML 6Page - Micross Components AS5SP256K36 Datasheet HTML 7Page - Micross Components AS5SP256K36 Datasheet HTML 8Page - Micross Components AS5SP256K36 Datasheet HTML 9Page - Micross Components AS5SP256K36 Datasheet HTML 10Page - Micross Components AS5SP256K36 Datasheet HTML 11Page - Micross Components AS5SP256K36 Datasheet HTML 12Page - Micross Components AS5SP256K36 Datasheet HTML 13Page - Micross Components AS5SP256K36 Datasheet HTML 14Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
COTS PEM
SSRAM
AS5SP256K36
AS5SP256K36
Rev. 2.2 10/13
Micross Components reserves the right to change products or specifications without notice.
13
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
ET = Enhanced Temperature Range
-40oC to +105oC
XT = Military Temperature Range
-55oC to +125oC
TQFP
tCD
Clock
(ns)
(Mhz)
AS5SP256K36DQ-30/IT
256Kx36, 3.3vCore/3.3,2.5vIO
3.0
200*
AS5SP256K36DQ-35/IT
256Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP256K36DQ-40/IT
256Kx36, 3.3vCore/3.3,2.5vIO
4.0
133
AS5SP256K36DQ-30/ET
256Kx36, 3.3vCore/3.3,2.5vIO
3.0
200
AS5SP256K36DQ-35/ET
256Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP256K36DQ-40/ET
256Kx36, 3.3vCore/3.3,2.5vIO
4.0
133
AS5SP256K36DQ-35/XT
256Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP256K36DQ-40/XT
256Kx36, 3.3vCore/3.3,2.5vIO
4.0
133
Device Number
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14