データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLUENRG-1 データシート(PDF) 13 Page - STMicroelectronics

部品番号 BLUENRG-1
部品情報  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 データシート(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 9Page - STMicroelectronics BLUENRG-1 Datasheet HTML 10Page - STMicroelectronics BLUENRG-1 Datasheet HTML 11Page - STMicroelectronics BLUENRG-1 Datasheet HTML 12Page - STMicroelectronics BLUENRG-1 Datasheet HTML 13Page - STMicroelectronics BLUENRG-1 Datasheet HTML 14Page - STMicroelectronics BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
BlueNRG-1
BlueNRG-1 Bluetooth low energy stack
DocID028866 Rev 1
13/173
processor. The whole Bluetooth Low energy stack runs in the BlueNRG-1; the GATT
profiles are provided for running in the application processor together with the application
code. Figure 2: "BlueNRG-1 single chip RF software layers" shows the network processor
RF software layers.
Figure 3: BlueNRG-1 network processor RF software layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More