データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8ERLC128K32 データシート(PDF) 13 Page - Micross Components

部品番号 AS8ERLC128K32
部品情報  TTL Compatible Inputs and Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS8ERLC128K32 データシート(HTML) 13 Page - Micross Components

Back Button AS8ERLC128K32 Datasheet HTML 9Page - Micross Components AS8ERLC128K32 Datasheet HTML 10Page - Micross Components AS8ERLC128K32 Datasheet HTML 11Page - Micross Components AS8ERLC128K32 Datasheet HTML 12Page - Micross Components AS8ERLC128K32 Datasheet HTML 13Page - Micross Components AS8ERLC128K32 Datasheet HTML 14Page - Micross Components AS8ERLC128K32 Datasheet HTML 15Page - Micross Components AS8ERLC128K32 Datasheet HTML 16Page - Micross Components AS8ERLC128K32 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EEPROM
AS8ERLC128K32
AS8ERLC128K32
Rev. 2.1 11/10
Micross Components reserves the right to change products or specifications without notice.
13
Micross Case #703 (Package Designator Q)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
4 x D2
4 x D1
4 x D
b
e
Pin 1
DETAIL A
L1
0o - 7o
R
B
A2
SEE DETAIL A
A
D3
A1
MIN
MAX
A
0.123
0.200
A1
0.118
0.186
A2
0.000
0.020
b
0.013
0.017
B
D
D1
0.870
0.890
D2
0.980
1.000
D3
0.936
0.956
e
R
0.005
---
L1
0.035
0.045
0.050 BSC
SYMBOL
MICROSS PACKAGE SPECIFICATIONS
0.010 REF
0.800 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19