| データシートサーチシステム |
|
TLE7233EM データシート(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7233EM データシート(HTML) 30 Page - Infineon Technologies AG |
|
30 / 33 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7233EM Application Information Data Sheet 30 Rev. 1.2, 2014-05-09 10 Application Information Note: The following information is given as a hint for the implementation of the device only and shall not be regarded as a description or warranty of a certain functionality, condition or quality of the device. Figure 15 shows a simplified application circuit. V DDA and VDD need to be reverse protected. Also the Resistors at the digital pins are for reverse polarity protection. Figure 15 Application Diagram Note: This is a very simplified example of an application circuit. The function must be verified in the real application. C1,C2,C3 are recommended to be 4.7 nF and all Resistors can be 1 k Ω. For further information you may contact http://www.infineon.com/ Application _EM.emf SO SCLK SI CS GND OUT0 OUT1 OUT2 OUT3 LHI VDD RST VDDA IN1 IN3 IN2 IN0 V BAT V DDA SPI uC Discrete Limp home or PWM signal circuit Watch dog V DD C1 C2 C3 R10 R2 R3 R5 R6 R7 R8 R4 R1 R9 Loads |