データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS29F040 データシート(PDF) 23 Page - Micross Components

部品番号 AS29F040
部品情報  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 データシート(HTML) 23 Page - Micross Components

Back Button AS29F040 Datasheet HTML 19Page - Micross Components AS29F040 Datasheet HTML 20Page - Micross Components AS29F040 Datasheet HTML 21Page - Micross Components AS29F040 Datasheet HTML 22Page - Micross Components AS29F040 Datasheet HTML 23Page - Micross Components AS29F040 Datasheet HTML 24Page - Micross Components AS29F040 Datasheet HTML 25Page - Micross Components AS29F040 Datasheet HTML 26Page - Micross Components AS29F040 Datasheet HTML 27Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
23
AS29F040
Rev. 2.3 01/10
MECHANICAL DEFINITIONS*
Micross Case (Package Designator F)
SMD 5962-96692, Case Outline U
*All measurements are in inches.
MIN
MAX
A
---
0.125
b
0.015
0.019
C
0.004
0.007
D
0.810
0.830
D1
E
0.405
0.415
E1
0.305
0.315
E2
e
L
0.380
0.420
Q
0.022
0.028
SYMBOL
SMD SPECIFICATIONS
0.050 TYP
0.050 TYP
0.750 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27