データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS58C1001 データシート(PDF) 16 Page - Micross Components

部品番号 AS58C1001
部品情報  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 データシート(HTML) 16 Page - Micross Components

Back Button AS58C1001 Datasheet HTML 12Page - Micross Components AS58C1001 Datasheet HTML 13Page - Micross Components AS58C1001 Datasheet HTML 14Page - Micross Components AS58C1001 Datasheet HTML 15Page - Micross Components AS58C1001 Datasheet HTML 16Page - Micross Components AS58C1001 Datasheet HTML 17Page - Micross Components AS58C1001 Datasheet HTML 18Page - Micross Components AS58C1001 Datasheet HTML 19Page - Micross Components AS58C1001 Datasheet HTML 20Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
16
*All measurements are in inches.
Micross Case #306 (Package Designator F)
SMD # 5962-38267, Case Outline M
MECHANICAL DEFINITIONS*
NOTE: All drawings are per the SMD. Micross’ package dimensional limits may differ, but they will be within the SMD
limits.
D
E
L
e
b
Top View
H
c
E1
A
Q
D2
A1
MIN
MAX
A
0.097
0.123
A1
0.090
0.110
b
0.015
0.019
c
0.003
0.007
D
0.810
0.830
D2
0.745
0.755
E
0.425
0.445
E1
0.330
0.356
e
0.045
0.055
H
1.000
1.100
L
0.290
0.310
Q
0.026
0.037
SYMBOL
SMD SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20