データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS58LC1001 データシート(PDF) 15 Page - Micross Components

部品番号 AS58LC1001
部品情報  Software Data protection Algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS58LC1001 データシート(HTML) 15 Page - Micross Components

Back Button AS58LC1001 Datasheet HTML 11Page - Micross Components AS58LC1001 Datasheet HTML 12Page - Micross Components AS58LC1001 Datasheet HTML 13Page - Micross Components AS58LC1001 Datasheet HTML 14Page - Micross Components AS58LC1001 Datasheet HTML 15Page - Micross Components AS58LC1001 Datasheet HTML 16Page - Micross Components AS58LC1001 Datasheet HTML 17Page - Micross Components AS58LC1001 Datasheet HTML 18Page - Micross Components AS58LC1001 Datasheet HTML 19Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EEPROM
AS58LC1001
AS58LC1001
Rev. 1.8 11/10
Micross Components reserves the right to change products or specifications without notice.
15
Micross Case #305 (Package Designator SF)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
D
E
L
e
b
Top View
H
D1
D2
A1
c
E1
A
Q
MIN
MAX
A
0.125
0.150
A1
0.090
0.110
b
0.015
0.019
c
0.003
0.007
D
0.810
0.830
D1
0.775
0.785
D2
0.745
0.755
E
0.425
0.445
E1
0.290
0.310
e
0.045
0.055
H
1.000
1.100
L
0.290
0.310
Q
0.026
0.037
SYMBOL
SMD SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19