| データシートサーチシステム |
|
USB2517I データシート(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2517I データシート(HTML) 46 Page - Microchip Technology |
|
46 / 58 page ![]() USB2517/USB2517I DS00001598B-page 46 2013-2016 Microchip Technology Inc. 7.6.3 USB BUS RESET In response to the upstream port signaling a reset to the Hub, the Hub does the following: 1. Sets default address to 0. 2. Sets configuration to: Unconfigured. 1. Negates PRTPWR[7:1] to all downstream ports. 2. Clears all TT buffers. 3. Moves device from suspended to active (if suspended). 4. Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence. The Host then configures the Hub and the Hub’s downstream port devices in accordance with the USB Specification. Note: The Hub does not propagate the upstream USB reset to downstream devices. |