| データシートサーチシステム |
|
USB2229 データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2229 データシート(HTML) 23 Page - Microchip Technology |
|
23 / 28 page ![]() 2005-2016 Microchip Technology Inc. DS00002252A-page 23 USB2229/USB2230 8.0 GPIO USAGE TABLE 8-1: GPIO USAGE (ROM REV -11) Name Active Level Symbol Description and Note GPIO1 H Flash Media Activity LED/ xD_Door Indicates media activity. Media or USB cable must not be removed with LED lit. Also may be used for xD Door functionality GPIO2 H EE_CS Serial EE PROM chip select GPIO3 H V_BUS USB V bus detect GPIO4 H EE_DIN/EE_DOUT/xDID Serial EE PROM input/output and xD Identify GPIO5 L HS_IND/SD_CD HS Indicator LED or SD Card Detect Switch input GPIO6 H A16/ROMEN A16 address line connect for DFU or debug LED indicator optional. GPIO7 H EE_CLK/ UNCONF_LED Serial EE PROM clock output or Unconfigured LED. GPIO8 L MS_PWR_CTRL/ CRD_PWR0 Memory Stick Card Power Control, or Internal Power FET0. GPIO9 L CF_PWR_CTRL CompactFlash Card Power Control GPIO10 L SM_PWR_CTRL/ CRD_PWR1 SmartMedia Card Power Control, or Internal Power FET1. GPIO11 L SD/MMC_PWR_CTRL/ CRD_PWR2 SD/MMC Card Power Control, or Internal Power FET2. GPIO12 H MS_ACT_IND/ Media Activity Memory Stick Activity Indicator, or Media Activity LED. |