データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2227 データシート(PDF) 23 Page - Microchip Technology

部品番号 USB2227
部品情報  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 データシート(HTML) 23 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 17Page - Microchip Technology USB2227 Datasheet HTML 18Page - Microchip Technology USB2227 Datasheet HTML 19Page - Microchip Technology USB2227 Datasheet HTML 20Page - Microchip Technology USB2227 Datasheet HTML 21Page - Microchip Technology USB2227 Datasheet HTML 22Page - Microchip Technology USB2227 Datasheet HTML 23Page - Microchip Technology USB2227 Datasheet HTML 24Page - Microchip Technology USB2227 Datasheet HTML 25Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 23
USB2227/USB2228
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB2227, USB2228
Temperature Range:
Blank = 0
C to +70C (Commercial)
Package:
NU = 128-pin VTQFP
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X]
Internal Microchip
Code
-
-
Examples:
USB2227-NU-11
128-pin VTQFP RoHS Compliant pack-
age, Commercial Temp, Tray
USB2228-NU-11
128-pin VTQFP RoHS Compliant pack-
age, Commercial Temp, Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25