データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC5891 データシート(PDF) 9 Page - Microchip Technology

部品番号 MIC5891
部品情報  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891 データシート(HTML) 9 Page - Microchip Technology

Back Button MIC5891 Datasheet HTML 5Page - Microchip Technology MIC5891 Datasheet HTML 6Page - Microchip Technology MIC5891 Datasheet HTML 7Page - Microchip Technology MIC5891 Datasheet HTML 8Page - Microchip Technology MIC5891 Datasheet HTML 9Page - Microchip Technology MIC5891 Datasheet HTML 10Page - Microchip Technology MIC5891 Datasheet HTML 11Page - Microchip Technology MIC5891 Datasheet HTML 12Page - Microchip Technology MIC5891 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005638A-page 9
MIC5891
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
16-Pin PDIP*
Example
XXXXXX
YYWW
XXXXXXXXX
MICREL
1312
MIC5891YN
16-Pin SOICW*
Example
XXXXXX
YYWW
XXXXXXXXXX
MICREL
1632
MIC5891YWM
Legend:
XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (⎯) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18