| データシートサーチシステム |
|
MIC5891YN データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC5891YN データシート(HTML) 6 Page - Microchip Technology |
|
6 / 18 page ![]() MIC5891 DS20005638A-page 6 2016 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES FIGURE 2-1: Allowable Package Power Dissipation vs. Temperature. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.5 1 1.5 2 2.5 25 50 75 100 125 150 AMBIENT TEMPERATURE (°C) PDIP JA = 60°C/W CerDIP JA = 90°C/W |