データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT9919 データシート(PDF) 9 Page - Microchip Technology

部品番号 AT9919
部品情報  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 データシート(HTML) 9 Page - Microchip Technology

Back Button AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology AT9919 Datasheet HTML 10Page - Microchip Technology AT9919 Datasheet HTML 11Page - Microchip Technology AT9919 Datasheet HTML 12Page - Microchip Technology AT9919 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005595A-page 9
AT9919
3.11
PCB Layout Guidelines
Careful PCB layout is critical to achieving low switching
losses and stable operation. Use a multilayer board
whenever possible for better noise immunity. Minimize
ground noise by connecting high-current ground
returns, the input bypass capacitor ground lead and the
output filter ground lead to a single point (star ground
configuration). The fast di/dt loop is composed of the
input capacitor CIN, the freewheeling diode and the
MOSFET. To minimize noise interaction, this loop area
should be as small as possible. Place RSENSE as close
as possible to the input filter and VIN. For better noise
immunity,
a
Kelvin
connection
is
strongly
recommended between CS and RSENSE. Connect the
exposed tab of the IC to a large area ground plane for
improved power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16