データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAP51D-A-G1-R データシート(PDF) 6 Page - Integrated Device Technology

部品番号 SAP51D-A-G1-R
部品情報  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R データシート(HTML) 6 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 2Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 28, 2016
Table 3.3
SAP5 Additional Master Calls for Slave Configuration ..................................................................... 19
Table 4.1
EEPROM Read and Write Times ..................................................................................................... 20
Table 4.2
SAP5 EEPROM – User and Firmware Area Content ....................................................................... 21
Table 4.3
SAP5 EEPROM – User and Firmware Area Programming .............................................................. 23
Table 4.4
SAP5 EEPROM – Safety Area Content............................................................................................ 24
Table 5.1
Properties of Voltage Output Pins UOUT and U5R.......................................................................... 26
Table 5.2
AS-Interface Bus Load Properties .................................................................................................... 27
Table 5.3
CDC Pin Parameters ........................................................................................................................ 27
Table 5.4
Cut-Off Temperature......................................................................................................................... 28
Table 5.5
DC Characteristics of Digital High Voltage Input Pins ...................................................................... 28
Table 5.6
DC Characteristics of Digital High Voltage Output Pins ................................................................... 29
Table 5.7
Receiver Parameters ........................................................................................................................ 29
Table 5.8
Transmitter Current Amplitude.......................................................................................................... 30
Table 5.9
Timing for Parameter Ports............................................................................................................... 31
Table 5.10
Timing for Data Port Outputs ............................................................................................................ 32
Table 5.11
Activation of Delay Mode .................................................................................................................. 33
Table 5.12
Activation of the Synchronous Data I/O Mode.................................................................................. 34
Table 5.13
Meaning of Master Call Bits I[3:0] with Ext_Addr_4I/4O_Mode = ‘1’................................................ 37
Table 5.14
Data and Parameter Port Configuration for Non-Safety-Mode Operation........................................ 38
Table 5.15
Data and Parameter Port Configuration in Safety Mode .................................................................. 39
Table 5.16
LED Status Indication ....................................................................................................................... 40
Table 5.17
Oscillator Pin Parameters ................................................................................................................. 41
Table 5.18
SAP5 Initialization Times .................................................................................................................. 42
Table 5.19
Power-On Reset (POR) Threshold Voltages .................................................................................... 42
Table 5.20
Timing of External Reset .................................................................................................................. 43
Table 5.21
Status Register Content.................................................................................................................... 45
Table 5.22
Activation of the SAP5 Communication Watchdog........................................................................... 46
Table 5.23
Example for Cryptographic Code Table ........................................................................................... 48
Table 5.24
Activation of the SAP5 Master/Repeater Mode ................................................................................ 51
Table 5.25
SAP5 Pin Assignment in Master and Repeater Modes .................................................................... 51
Table 5.26
Functional Differences between SAP5 Master and Repeater Modes .............................................. 52
Table 5.27
Programmable Variation of the Loopback Time ............................................................................... 53
Table 5.28
Master/Repeater Mode Parameter ................................................................................................... 54
Table 5.29
Write Protection of ID_Code_Extension_1 ....................................................................................... 56
Table 7.1
SAP51/SAP5S Package Pin List ...................................................................................................... 60
Table 7.2
SOP16 Package Dimensions (mm) .................................................................................................. 62
Table 7.3
SOP20 Package Dimensions (mm) .................................................................................................. 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66