データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS111C008/883C データシート(PDF) 7 Page - Micross Components

部品番号 AS111C008/883C
部品情報  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSS [Micross Components]
ホームページ  http://www.micross.com
Logo MICROSS - Micross Components

AS111C008/883C データシート(HTML) 7 Page - Micross Components

Back Button AS111C008/883C Datasheet HTML 3Page - Micross Components AS111C008/883C Datasheet HTML 4Page - Micross Components AS111C008/883C Datasheet HTML 5Page - Micross Components AS111C008/883C Datasheet HTML 6Page - Micross Components AS111C008/883C Datasheet HTML 7Page - Micross Components AS111C008/883C Datasheet HTML 8Page - Micross Components AS111C008/883C Datasheet HTML 9Page - Micross Components AS111C008/883C Datasheet HTML 10Page - Micross Components AS111C008/883C Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
7
AS111
Rev. 1.7 01/10
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
CIRCUIT TECHNIQUES FOR AVOIDING
OSCILLATIONS IN COMPARATOR
APPLICATIONS
When a high-speed comparator such as the AS111 is
used
with fast input signals and low source impedances, the output
response will normally be fast and stable, assuming that the
power supplies have been bypassed (with 0.1 μF disccapaci-
tors), and that the output signal is routed well away from the
inputs (pins 2 and 3) and also away from pins 5 and 6.
However, when the input signal is a voltage ramp or a
slow sine wave, or if the signal source impedance is high (1
kW to 100 kW), the comparator may burst into oscillation
near the crossing-point. This is due to the high gain and wide
bandwidth of comparators like the AS111. To avoid oscillation
or instability in such a usage, several precautions are recom
mended, as shown in Figure 1 below.
1. The trim pins (pins 5 and 6) act as unwanted auxiliary
inputs. If these pins are not connected to a trim-pot, they
should be shorted together. If they are connected to a
trim-pot, a 0.01 μF capacitor C1 between pins 5 and 6
will
minimize the susceptibility to AC coupling. A
smaller
capacitor is used if pin 5 is used for positive
feedback as in Figure 1.
2. Certain sources will produce a cleaner comparator
out put waveform if a 100 pF to 1000 pF capacitor C2 is
connected directly across the input pins.
3. When the signal source is applied through a resistive
network, R
S, it is usually advantageous to choose an
R
S’ of substantially the same value, both for DC and for
dynamic (AC) considerations. Carbon, tin-oxide, and
metal-film
resistors have all been used successfully in
comparator input circuitry. Inductive wirewound resistors
are not
suitable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21