データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMM55C13 データシート(PDF) 2 Page - Hi-Sincerity Mocroelectronics

部品番号 HMM55C13
部品情報  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HSMC [Hi-Sincerity Mocroelectronics]
ホームページ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMM55C13 データシート(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HMM55C13 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMM55C13 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMM55C13 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HMM200201
Issued Date : 2002.05.01
Revised Date : 2002.09.09
Page No. : 2/3
HMM55C Series
HSMC Product Specification
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Zener Current see Table “Characteristics”
-
-
-
Power Dissipation at Tamb=25
°C
Ptot
500*
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Ts
-55 to +175
°C
*Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Characteristics (Tamb=25
°C)
Characteristics
Symbol
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthA
-
-
0.3* K/mW
Forward Voltage at IF=100mA
VF
-
-
1
V
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Characteristics Curve



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com