| データシートサーチシステム |
|
USB84604 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB84604 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 61 page ![]() 2014-2016 Microchip Technology Inc. DS60001295C-page 11 USB84604 1 Downstream USB D+ (Port 3) USBDN3_DP AIO Downstream USB Port 3 D+ data signal. Port 3 D+ Disable Configuration Strap PRT_DIS_P3 IS This strap is used in conjunction with PRT_DIS_M3 to disable USB Port 3. 0 = Port 3 D+ Enabled 1 = Port 3 D+ Disabled Note: Both PRT_DIS_P3 and PRT_DIS_M3 must be tied to VDD33 at reset to dis- able the associated port. See Note 2 for more information on configuration straps. 1 Downstream USB D- (Port 3) USBDN3_DM AIO Downstream USB Port 3 D- data signal. Port 3 D- Disable Configuration Strap PRT_DIS_M3 IS This strap is used in conjunction with PRT_DIS_P3 to disable USB Port 3. 0 = Port 3 D- Enabled 1 = Port 3 D- Disabled Note: Both PRT_DIS_P3 and PRT_DIS_M3 must be tied to VDD33 at reset to dis- able the associated port. See Note 2 for more information on configuration straps. 1 Downstream USB D+ (Port 4) USBDN4_DP AIO Downstream USB Port 4 D+ data signal. Port 4 D+ Disable Configuration Strap PRT_DIS_P4 IS This strap is used in conjunction with PRT_DIS_M4 to disable USB Port 4. 0 = Port 4 D+ Enabled 1 = Port 4 D+ Disabled Note: Both PRT_DIS_P4 and PRT_DIS_M4 must be tied to VDD33 at reset to dis- able the associated port. See Note 2 for more information on configuration straps. TABLE 3-1: PIN DESCRIPTIONS (CONTINUED) Num Pins Name Symbol Buffer Type Description |