| データシートサーチシステム |
|
USB2524 データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2524 データシート(HTML) 56 Page - Microchip Technology |
|
56 / 58 page ![]() USB2524 DS00001588B-page 56 2013 - 2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. XXX Package Device Device: USB2524 Package: ABZJ = 56-pin QFN Tape and Reel Option: Blank = Tray packaging TR = Tape and Reel (1) Example: a) USB2524-ABZJ = 56-pin QFN RoHS Compliant Package Tray [X] Tape and Reel Option - Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. - |