| データシートサーチシステム |
|
UCS1002-2 データシート(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-2 データシート(HTML) 59 Page - Microchip Technology |
|
59 / 114 page ![]() Programmable USB Port Power Controller with Charger Emulation Datasheet SMSC UCS1002 59 Revision 1.4 (07-16-13) DATASHEET 2. De-assert the A_DET# pin and set the REM status register bit. 3. Enable an internal discharging device that will discharge the VBUS line within tDISCHARGE. 4. Once the VBUS pin has been discharged, the device will return to the Detect state regardless of the PWR_EN control state. |