データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2512B/M2 データシート(PDF) 48 Page - Microchip Technology

部品番号 USB2512B/M2
部品情報  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512B/M2 データシート(HTML) 48 Page - Microchip Technology

Back Button USB2512B/M2 Datasheet HTML 44Page - Microchip Technology USB2512B/M2 Datasheet HTML 45Page - Microchip Technology USB2512B/M2 Datasheet HTML 46Page - Microchip Technology USB2512B/M2 Datasheet HTML 47Page - Microchip Technology USB2512B/M2 Datasheet HTML 48Page - Microchip Technology USB2512B/M2 Datasheet HTML 49Page - Microchip Technology USB2512B/M2 Datasheet HTML 50Page - Microchip Technology USB2512B/M2 Datasheet HTML 51Page - Microchip Technology USB2512B/M2 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
9.0
PACKAGE INFORMATION
9.1
36-Pin SQFN (Preferred)
FIGURE 9-1:
36-PIN SQFN PACKAGE DRAWING
Note:
For the most current package drawings, see the Microchip Packaging Specification at http://www.microchip.com/packaging.
Note: For the most current package drawings,
see the Microchip Packaging Specification at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57