| データシートサーチシステム |
|
UCS1002-1 データシート(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-1 データシート(HTML) 95 Page - Microchip Technology |
|
95 / 116 page ![]() Programmable USB Port Power Controller with Charger Emulation Datasheet SMSC UCS1002 95 Revision 1.4 (07-16-13) DATASHEET Table 10.30 Response Magnitude Meaning RESPONSE X_SX_RMAG[3:0] BIT MEANINGS 0000b - 0011b Apply voltage on DPOUT / DMOUT Voltage to be applied relative to ground (see Table 10.33). 0100b, 0111b, 1101b - 1111b Apply resistor on DPOUT / DMOUT to GND or VBUS Magnitude of resistor (see Table 10.32). 0110b, 1001b, 1100b Apply voltage divider from VBUS to GND with “center” at DPOUT / DMOUT Minimum resistance of voltage divider from VBUS to GND (sum of R1 + R2) (see Table 10.31). 1010b Apply resistor between DPOUT and DMOUT Not used. Table 10.31 Voltage Divider Minimum Impedance Options SX_RXMAG[3:0] SETTING VOLTAGE DIVIDER MINIMUM IMPEDANCE OPTIONS 3210 0000 93 k Ω 0001 100 k Ω 0010 125 k Ω 0011 150 k Ω 0100 200 k Ω 0101 200 k Ω 0110 200 k Ω 0111 200 k Ω 1000 93 k Ω 1001 100 k Ω 1010 125 k Ω 1011 150 k Ω 1100 200 k Ω 1101 200 k Ω 1110 200 k Ω 1111 Do not use |