| データシートサーチシステム |
|
LAN88730AM-C データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN88730AM-C データシート(HTML) 80 Page - Microchip Technology |
|
80 / 82 page ![]() LAN88730 DS60001256B-page 80 2012-2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LAN88730 Temperature Range: A= -40 C to +85C B= -40 C to +105C Package: M= VQFN (32-pin) Tape and Reel Option: Blank = Standard packaging (tray) R = Tape and Reel(1) Pattern: C = Product version Automotive Option: Blank = Commercial V01 = Automotive Examples: a) LAN88730AM-C -40 C to +85C, (32-pin), Tray, C b) LAN88730AM-C-V01 -40 C to +85C, (32-pin), Tray, C, V01 c) LAN88730BM-C -40 C to +105C, (32-pin), Tray, C d) LAN88730BMR-C-V01 -40 C to +105C, (32-pin), Tape and Reel C, V01 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Reel size is 5,000. PART NO. Device [X] Temperature Range X Package [X](1) Tape and Reel Option X Pattern XXX Automotive Option -- |