データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN8742A データシート(PDF) 83 Page - Microchip Technology

部品番号 LAN8742A
部品情報  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A データシート(HTML) 83 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 79Page - Microchip Technology LAN8742A Datasheet HTML 80Page - Microchip Technology LAN8742A Datasheet HTML 81Page - Microchip Technology LAN8742A Datasheet HTML 82Page - Microchip Technology LAN8742A Datasheet HTML 83Page - Microchip Technology LAN8742A Datasheet HTML 84Page - Microchip Technology LAN8742A Datasheet HTML 85Page - Microchip Technology LAN8742A Datasheet HTML 86Page - Microchip Technology LAN8742A Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 83
LAN8742A/LAN8742Ai
4.3.2
PCS MMD DEVICES PRESENT 2 REGISTER
Index (In Decimal):
3.6
Size:
16 bits
Bits
Description
Type
Default
15
Vendor Specific Device 2 Present
0 = Vendor specific device 2 not present in package
1 = Vendor specific device 2 present in package
RO
0b
14
Vendor Specific Device 1 Present
0 = Vendor specific device 1 not present in package
1 = Vendor specific device 1 present in package
RO
1b
13
Clause 22 Extension Present
0 = Clause 22 extension not present in package
1 = Clause 22 extension present in package
RO
0b
12:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More