| データシートサーチシステム |
|
STM32F413VH データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413VH データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 207 page ![]() PC0 - LPTIM1_ IN1 - DFSDM2_C KIN4 -- - SAI1_MCL K_B -- - - - - - EVENT OUT PC1 - LPTIM1_ OUT - DFSDM2_D ATIN4 - - - SAI1_SD_B - - - - - - - EVENT OUT PC2 - LPTIM1_I N2 - DFSDM2_D ATIN7 - SPI2_MISO I2S2ext_SD SAI1_SCK_ B DFSDM1_ CKOUT - - - FSMC_NWE - - EVENT OUT PC3 - LPTIM1_ ETR - DFSDM2_C KIN7 - SPI2_MOSI/ I2S2_SD - SAI1_FS_B - - - - FSMC_A0 - - EVENT OUT PC4 - - - DFSDM2_C KIN2 - I2S1_MCK - - - - QUADSPI_ BK2_IO2 -FSMC_NE4 - - EVENT OUT PC5 - - - DFSDM2_D ATIN2 I2CFMP1 _SMBA -- USART3_R X -- QUADSPI_ BK2_IO3 - FSMC_NOE - - EVENT OUT PC6 - - TIM3_ CH1 TIM8_CH1 I2CFMP1 _SCL I2S2_MCK DFSDM1_ CKIN3 DFSDM2_ DATIN6 USART6_ TX - FSMC_D1 - SDIO_D6 - - EVENT OUT PC7 - - TIM3_ CH2 TIM8_CH2 I2CFMP1 _SDA SPI2_SCK/ I2S2_CK I2S3_MCK DFSDM2_ CKIN6 USART6_ RX - DFSDM1_D ATIN3 - SDIO_D7 - - EVENT OUT PC8 - - TIM3_ CH3 TIM8_CH3 - - - DFSDM2_ CKIN3 USART6_ CK QUADSPI_ BK1_IO2 -- SDIO_D0 - - EVENT OUT PC9 MCO_2 - TIM3_ CH4 TIM8_CH4 I2C3_ SDA I2S2_CKIN - DFSDM2_ DATIN3 - QUADSPI_ BK1_IO0 -- SDIO_D1 - - EVENT OUT PC10 - - - DFSDM2_ CKIN5 -- SPI3_SCK/ I2S3_CK USART3_ TX - QUADSPI_ BK1_IO1 -- SDIO_D2 - - EVENT OUT PC11 - - - DFSDM2_ DATIN5 - I2S3ext_SD SPI3_MISO USART3_ RX UART4_ RX QUADSPI_ BK2_NCS FSMC_D2 - SDIO_D3 - - EVENT OUT PC12 - - - - - - SPI3_MOSI/ I2S3_SD USART3_ CK UART5_ TX - FSMC_D3 - SDIO_CK - - EVENT OUT PC13 - - - - - - - - - - - - - - - EVENT OUT PC14 - - - - - - - - - - - - - - - EVENT OUT PC15 - - - - - - - - - - - - - - - EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |