| データシートサーチシステム |
|
STM32F413MG データシート(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413MG データシート(HTML) 70 Page - STMicroelectronics |
|
70 / 207 page ![]() PF0 - - - - I2C2_ SDA -- - - - - - FSMC_A0 - - EVENT OUT PF1 - - - - I2C2_ SCL -- - - - - - FSMC_A1 - - EVENT OUT PF2 - - - - I2C2_ SMBA -- - - - - - FSMC_A2 - - EVENT OUT PF3 - - TIM5_ CH1 -- - - - - - - - FSMC_A3 - - EVENT OUT PF4 - - TIM5_ CH2 -- - - - - - - - FSMC_A4 - - EVENT OUT PF5 - - TIM5_ CH3 -- - - - - - - - FSMC_A5 - - EVENT OUT PF6 TRACE D0 - - TIM10_CH1 - - - SAI1_SD_B UART7_ Rx QUADSPI_ BK1_IO3 -- - - - EVENT OUT PF7 TRACE D1 - - TIM11_CH1 - - - SAI1_ MCLK_B UART7_ Tx QUADSPI_ BK1_IO2 -- - - - EVENT OUT PF8 - - - - - - - SAI1_SCK_ B UART8_RX TIM13_CH1 QUADSPI_ BK1_IO0 -- - - EVENT OUT PF9 - - - - - - - SAI1_FS_B UART8_ TX TIM14_CH1 QUADSPI_ BK1_IO1 -- - - EVENT OUT PF10 - TIM1_ETR TIM5_ CH4 -- - - - - - - - - - - EVENT OUT PF11 - - - TIM8_ETR - - - - - - - - - - - EVENT OUT PF12 - - - TIM8_BKIN - - - - - - - - FSMC_A6 - - EVENT OUT PF13 - - - - I2CFMP1 _SMBA -- - - - - - FSMC_A7 - - EVENT OUT PF14 - - - - I2CFMP1 _SCL -- - - - - - FSMC_A8 - - EVENT OUT PF15 - - - - I2CFMP1 _SDA -- - - - - - FSMC_A9 - - EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |