データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413MG データシート(PDF) 182 Page - STMicroelectronics

部品番号 STM32F413MG
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413MG データシート(HTML) 182 Page - STMicroelectronics

Back Button STM32F413MG Datasheet HTML 178Page - STMicroelectronics STM32F413MG Datasheet HTML 179Page - STMicroelectronics STM32F413MG Datasheet HTML 180Page - STMicroelectronics STM32F413MG Datasheet HTML 181Page - STMicroelectronics STM32F413MG Datasheet HTML 182Page - STMicroelectronics STM32F413MG Datasheet HTML 183Page - STMicroelectronics STM32F413MG Datasheet HTML 184Page - STMicroelectronics STM32F413MG Datasheet HTML 185Page - STMicroelectronics STM32F413MG Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 207 page
background image
Package information
STM32F413xG/H
182/207
DocID029162 Rev 2
7.3
LQFP64 package information
Figure 69. LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More