| データシートサーチシステム |
|
STM32F413RG データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RG データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 207 page ![]() DocID029162 Rev 2 51/207 STM32F413xG/H Pinouts and pin description 72 -- - - - D4 12 PF2 I/O FT - I2C2_SMBA, FSMC_A2, EVENTOUT - -- - - - E2 13 PF3 I/O FT - TIM5_CH1, FSMC_A3, EVENTOUT - -- - - - E3 14 PF4 I/O FT - TIM5_CH2, FSMC_A4, EVENTOUT - -- - - - E4 15 PF5 I/O FT - TIM5_CH3, FSMC_A5, EVENTOUT - - - D8 10 F2 D2 16 VSS S - - - - - - E8 11 G2 D3 17 VDD S - - - - -- - - - F3 18 PF6 I/O FT - TRACED0, TIM10_CH1, SAI1_SD_B, UART7_Rx, QUADSPI_BK1_IO3, EVENTOUT - -- - - - F2 19 PF7 I/O FT - TRACED1, TIM11_CH1, SAI1_MCLK_B, UART7_Tx, QUADSPI_BK1_IO2, EVENTOUT - -- - - - G3 20 PF8 I/O FT - SAI1_SCK_B, UART8_RX, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT - -- - - - G2 21 PF9 I/O FT - SAI1_FS_B, UART8_TX, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT - -- - - - G1 22 PF10 I/O FT - TIM1_ETR, TIM5_CH4, EVENTOUT - 5 5 E9 12 F1 D1 23 PH0 - OSC_IN I/O FT (6) EVENTOUT OSC_IN 6 6 F9 13 G1 E1 24 PH1 - OSC_OUT I/O FT (6) EVENTOUT OSC_OUT 7 7 G9 14 H2 F1 25 NRST I/O RST - - NRST - 8 F8 15 H1 H1 26 PC0 I/O FT - LPTIM1_IN1, DFSDM2_CKIN4, SAI1_MCLK_B, EVENTOUT ADC1_IN10, WKUP2 Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |