データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413xH データシート(PDF) 65 Page - STMicroelectronics

部品番号 STM32F413xH
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413xH データシート(HTML) 65 Page - STMicroelectronics

Back Button STM32F413xH Datasheet HTML 61Page - STMicroelectronics STM32F413xH Datasheet HTML 62Page - STMicroelectronics STM32F413xH Datasheet HTML 63Page - STMicroelectronics STM32F413xH Datasheet HTML 64Page - STMicroelectronics STM32F413xH Datasheet HTML 65Page - STMicroelectronics STM32F413xH Datasheet HTML 66Page - STMicroelectronics STM32F413xH Datasheet HTML 67Page - STMicroelectronics STM32F413xH Datasheet HTML 68Page - STMicroelectronics STM32F413xH Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 207 page
background image
Table 11. STM32F413xG/H alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF
PA0
-
TIM2_CH1
/TIM2_
ETR
TIM5_
CH1
TIM8_ETR
-
-
-
USART2_
CTS
UART4_
TX
--
-
-
-
-
EVENT
OUT
PA1
-
TIM2_CH2
TIM5_
CH2
--
SPI4_MOSI/
I2S4_SD
-
USART2_
RTS
UART4_
RX
QUADSPI_
BK1_IO3
--
-
-
-
EVENT
OUT
PA2
-
TIM2_CH3
TIM5_
CH3
TIM9_CH1
-
I2S2_CKIN
-
USART2_
TX
--
-
-
FSMC_D4
-
-
EVENT
OUT
PA3
-
TIM2_CH4
TIM5_
CH4
TIM9_CH2
-
I2S2_MCK
-
USART2_
RX
-
-
SAI1_SD_B
-
FSMC_D5
-
-
EVENT
OUT
PA4
-
-
-
-
-
SPI1_NSS/I
2S1_WS
SPI3_NSS/I
2S3_WS
USART2_
CK
DFSDM1_
DATIN1
-
-
-
FSMC_D6
-
-
EVENT
OUT
PA5
-
TIM2_CH1
/TIM2_
ETR
-
TIM8_CH1N
-
SPI1_SCK/I
2S1_CK
--
DFSDM1_
CKIN1
-
-
-
FSMC_D7
-
-
EVENT
OUT
PA6
-
TIM1_
BKIN
TIM3_
CH1
TIM8_BKIN
-
SPI1_MISO
I2S2_MCK
DFSDM2_
CKIN1
-
TIM13_
CH1
QUADSPI_
BK2_IO0
-
SDIO_
CMD
--
EVENT
OUT
PA7
-
TIM1_
CH1N
TIM3_
CH2
TIM8_
CH1N
-
SPI1_MOSI/
I2S1_SD
-
DFSDM2_
DATIN1
-
TIM14_
CH1
QUADSPI_
BK2_IO1
--
-
-
EVENT
OUT
PA8
MCO_1 TIM1_CH1
-
-
I2C3_
SCL
-
DFSDM1_
CKOUT
USART1_
CK
UART7_
RX
-
USB_FS_
SOF
CAN3_
RX
SDIO_
D1
--
EVENT
OUT
PA9
-
TIM1_CH2
-
DFSDM2_
CKIN3
I2C3_
SMBA
SPI2_SCK/I
2S2_CK
-
USART1_
TX
--
USB_FS_
VBUS
-
SDIO_
D2
--
EVENT
OUT
PA10
-
TIM1_CH3
-
DFSDM2_
DATIN3
-
SPI2_MOSI/
I2S2_SD
SPI5_MOSI/
I2S5_SD
USART1_
RX
--
USB_FS_
ID
--
-
-
EVENT
OUT
PA11
-
TIM1_CH4
-
DFSDM2_
CKIN5
-
SPI2_NSS/I
2S2_WS
SPI4_MISO
USART1_
CTS
USART6_
TX
CAN1_RX
USB_FS_
DM
UART4_
RX
--
-
EVENT
OUT
PA12
-
TIM1_ETR
-
DFSDM2_
DATIN5
-
SPI2_MISO SPI5_MISO
USART1_
RTS
USART6_
RX
CAN1_TX
USB_FS_
DP
UART4_
TX
--
-
EVENT
OUT
PA13
JTMS-
SWDIO
--
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PA14
JTCK-
SWCLK
--
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PA15
JTDI
TIM2_CH1
/TIM2_
ETR
--
-
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
USART1_
TX
UART7_
TX
-
SAI1_
MCLK_A
CAN3_
TX
--
-
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More