データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3661AM データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3661AM
部品情報  LM3361A Low Voltage/Power Narrow Band FM IF System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3661AM データシート(HTML) 5 Page - National Semiconductor (TI)

  LM3661AM Datasheet HTML 1Page - National Semiconductor (TI) LM3661AM Datasheet HTML 2Page - National Semiconductor (TI) LM3661AM Datasheet HTML 3Page - National Semiconductor (TI) LM3661AM Datasheet HTML 4Page - National Semiconductor (TI) LM3661AM Datasheet HTML 5Page - National Semiconductor (TI) LM3661AM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Applications Information (See Internal Schematic)
OSCILLATOR
The Colpitts type oscillator is internally biased with a regu-
lated current source which assures proper operation over a
wide supply range The collector base and emitter termi-
nals are at pins 4 1 and 2 respectively The crystal which
is used in the parallel resonant mode may be replaced with
an appropriate inductor if the application does not require
the stability of a crystal oscillator In this case the resonant
frequency will be determined by the inductor in parallel with
the series combination of C1 and C2
TLH5586 – 4
so Cte(C1)(C2)(C1aC2)
and fOe 159
0L(Ct)
MIXER
The mixer is double balanced to reduce spurious responses
The upper pairs are switched by the oscillator while the RF
input is applied to the lower pair (pin 16) R43 sets the mixer
input impedance at 36 kX The mixer output impedance of
18 kX will properly match the input impedance of a ceramic
filter which is used as a bandpass filter coupling the mixer
output to the IF limiting amplifier
IF LIMITER
The IF amplifier consists of six differential gain stages with
the input impedance set by R2 at 18 kX to properly termi-
nate the ceramic filter driving the IF The IF alone (without
mixer) has a b3 dB limiting sensitivity of approximately 50
m
V The system bandwidth is limited to about 5 MHz due to
high impedances in the IF which are necessary to meet low
power requirements The IF output is connected to the ex-
ternal quad coil at pin 8 via an internal 10 pF capacitor
FM DEMOD AUDIO OUT
A conventional quadrature detector is used to demodulate
the FM signal The Q of the quad coil which is determined
by the external resistor placed across it has multiple effects
on the audio output Increasing the Q increases output level
but because of nonlinearities in the tank phase characteris-
tic
also increases distortion (see Typical Performance
Characteristics) For proper operation the voltage swing on
pin 8 should be adequate to drive the upper rank of the
multiplier into switching (about 100 mVrms) This voltage
level is dependent on the internal 10 pF capacitor and the
tank Rp voltage divider network After detection and de-em-
phasis the audio output at pin 9 is buffered by an emitter
follower
OP AMP
The op amp inverting input (pin 10) which is internally refer-
enced to 07V receives dc bias from the output at pin 11
through the external feedback network Because of the low
DC bias maximum swing on the op amp output with 10%
distortion is 500 mVrms This can be increased when oper-
ating on supplies over 23V by adding a resistor from the op
amp input to ground which raises the quiescent DC at the
output allowing more swing (see figure below for selection
of added resistor) The op amp is normally utilized as either
a bandpass filter to extract a specific frequency from the
audio output such as a ring or dial tone or as a high pass
filter to detect noise due to no input at the mixer The latter
condition will generate a signal at the op amp output which
when applied to pin 12 can mute the external audio amp
For max swing VOUTe(VSbVBE)2 (from internal circuit)
so (VSbVBE)2e07
1aR2R3J
therefore
R2
R3
e
VSbVBE
14
Jb1
TLH5586 – 5
Increasing OP Amp Swing
SQUELCH TRIGGER CIRCUIT
The squelch trigger circuit is configured such that a low bias
on the input (pin 12) will force pin 13 high (200 mV below
supply) where it can support at leasta1mA load and pin
14 to be a low impedance typically 15X to ground Con-
necting pin 14 to a high impedance ground reference point
in the audio path between pin 9 and the audio amp will mute
the audio output Pulling pin 12 above mute threshold
(065V) will force pin 13 to an impedance of about 60 kX to
ground and pin 14 will be an open circuit There is 100 mV
of hysterisis at pin 12 which effectively prevents jitter
5



Html Pages

1 2 3 4 5 6