| データシートサーチシステム |
|
AM3TIW-RZ データシート(PDF) 3 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM3TIW-RZ データシート(HTML) 3 Page - AIMTEC |
|
3 / 5 page ![]() Series AM3TIW-RZ 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.B 3 of 5 North America only General Specifications (continued) Parameters Conditions Typical Maximum Units Dimensions (L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm MTBF >800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approval CE, UL Standards IEC/EN 60950-1 EN 55022 Class A EN 55024 Class A IEC61000-4-2, Perf. Criteria A IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria A IEC61000-4-5, Perf. Criteria A IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A Pin Out Specifications Dimensions Pin Single Dual 2 -V Input -V Input 3 -V Input -V Input 9 Omitted Common 11 N.C. -V Output 14 +V Output +V Output 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input |