| データシートサーチシステム |
|
AM3N-2424DH30-RZ データシート(PDF) 2 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM3N-2424DH30-RZ データシート(HTML) 2 Page - AIMTEC |
|
2 / 4 page ![]() Series AM3N-D-RZ 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R8.D 2 of 4 North America only AM3N-2415DH30-RZ 21.6-26.4 ±15 ±100 3000 ±470 78 Models Dual output (Continue) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Max Capacitive Load (uF) Efficiency (%) AM3N-2418DH30-RZ 21.6-26.4 ±18 ±84 3000 ±220 65 AM3N-2424DH30-RZ 21.6-26.4 ±24 ±63 3000 ±220 76 AM3N-0503DH52-RZ 4.5-5.5 ±3.3 ±400 5200 ±1000 64 AM3N-0505DH52-RZ 4.5-5.5 ±5 ±300 5200 ±1000 66 AM3N-0507DH52-RZ 4.5-5.5 ±7.2 ±208 5200 ±470 53 AM3N-0509DH52-RZ 4.5-5.5 ±9 ±167 5200 ±470 68 AM3N-0512DH52-RZ 4.5-5.5 ±12 ±125 5200 ±470 70 AM3N-0515DH52-RZ 4.5-5.5 ±15 ±100 5200 ±470 70 AM3N-0518DH52-RZ 4.5-5.5 ±18 ±84 5200 ±220 57 AM3N-0524DH52-RZ 4.5-5.5 ±24 ±63 5200 ±220 69 AM3N-1203DH52-RZ 10.8-13.2 ±3.3 ±400 5200 ±1000 64 AM3N-1205DH52-RZ 10.8-13.2 ±5 ±300 5200 ±1000 75 AM3N-1207DH52-RZ 10.8-13.2 ±7.2 ±208 5200 ±470 55 AM3N-1209DH52-RZ 10.8-13.2 ±9 ±167 5200 ±470 78 AM3N-1212DH52-RZ 10.8-13.2 ±12 ±125 5200 ±470 80 AM3N-1215DH52-RZ 10.8-13.2 ±15 ±100 5200 ±470 78 AM3N-1218DH52-RZ 10.8-13.2 ±18 ±84 5200 ±220 62 AM3N-1224DH52-RZ 10.8-13.2 ±24 ±63 5200 ±220 76 AM3N-2403DH52-RZ 21.6-26.4 ±3.3 ±400 5200 ±1000 64 AM3N-2405DH52-RZ 21.6-26.4 ±5 ±300 5200 ±1000 77 AM3N-2407DH52-RZ 21.6-26.4 ±7.2 ±208 5200 ±470 53 AM3N-2409DH52-RZ 21.6-26.4 ±9 ±167 5200 ±470 78 AM3N-2412DH52-RZ 21.6-26.4 ±12 ±125 5200 ±470 80 AM3N-2415DH52-RZ 21.6-26.4 ±15 ±100 5200 ±470 78 AM3N-2418DH52-RZ 21.6-26.4 ±18 ±84 5200 ±220 65 AM3N-2424DH52-RZ 21.6-26.4 ±24 ±63 5200 ±220 76 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 12 24 4.5-5.5 10.8-13.2 21.6-26.4 VDC Filter (Pi) Network Turn on Transient process time 100 ms Start up time 300 ms Absolute Maximum Rating 5 Vin 12 Vin 24 Vin 0-7 0-15 0-28 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000, 3000 and 5200 VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Voltage balance ±1 % Short Circuit protection Continuous Short circuit restart Auto-recovery |